Part Number Hot Search : 
MMBD1202 10400 AM111 1206L 5KP14 T060000 IZ1517 CB1RFU15
Product Description
Full Text Search
 

To Download 2SD2598 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD2598
0.15
Silicon NPN epitaxial planer type darlington
For low-frequency amplification
Unit: mm
6.90.1 0.7 4.0 1.05 2.50.1 0.05 (1.45) 0.8
0.5 4.50.1 0.45-0.05 2.50.1
q
q q
Forward current transfer ratio hFE is designed high, which is appropriate to the driver circuit of motors and printer bammer: hFE = 4000 to 20000. A shunt resistor is omitted from the driver. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.45-0.05
+0.1
+0.1
2.50.5 1 2
2.50.5 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 60 50 5 750 500 1 150 -55 ~ +150 1cm2 Unit V V V mA mA W C C
Symbol VCBO VCEO VEBO ICP IC PC*1 Tj Tstg
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT2 Type Package
1.20.1 0.65 max. 0.45+0.1 - 0.05
(HW type)
Internal Connection
C B
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency
*1h FE
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE
*1
E
Conditions VCB = 25V, IE = 0 VEB = 4V, IC = 0 IC = 100A, IE = 0 IC = 1mA, IB = 0 IE = 100A, IC = 0 VCE = 10V, IC = 500mA*2 0.5mA*2 IC = 500mA, IB = 0.5mA*2 IC = 500mA, IB = VCB = 10V, IE = -50mA, f = 200MHz
min
typ
max 100 100
60 50 5 4000 20000 2.5 3.0 200
*2
14.50.5
s Features
0.65 max.
1.0 1.0
0.2
Unit nA nA V V V
VCE(sat) VBE(sat) fT
V V MHz
Rank classification
Q R 4000 ~ 10000 8000 ~ 20000
Pulse measurement
Rank hFE
1
Transistor
PC -- Ta
2.0 900 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C 750 IB=150A 125A 100A 75A
2SD2598
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 75C 0.3 0.1 0.03 0.01 0.01 0.03
VCE(sat) -- IC
IC/IB=1000
Collector power dissipation PC (W)
Collector current IC (mA)
1.6
600
50A
1.2
25C Ta=-25C
450
0.8
300
0.4
150
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
VBE(sat) -- IC
100
hFE -- IC
105
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V 9.0 f=1MHz IE=0 Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=1000
30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 25C Ta=-25C 75C
Forward current transfer ratio hFE
Ta=75C 104 25C -25C 103
7.5
6.0
4.5
102
3..0
10
1.5
0.1
0.3
1
3
10
1 0.01 0.03
0 0.1 0.3 1 3 10 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2598

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X